Part Number Hot Search : 
M1086 NPT2019 RJK6025 ASCF2 UDN2984A 7745FS C4408ST HE721C
Product Description
Full Text Search
 

To Download MBR60H100CT06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR60H100CT SWITCHMODETM Power Rectifier 100 V, 60 A
Features and Benefits
* * * * * *
Low Forward Voltage: 0.72 V @ 125C Low Power Loss/High Efficiency High Surge Capacity 175C Operating Junction Temperature 60 A Total (30 A Per Diode Leg) Pb-Free Package is Available
http://onsemi.com
SCHOTTKY BARRIER RECTIFIER 60 AMPERES 100 VOLTS
1 2, 4 3 4
Applications
* Power Supply - Output Rectification * Power Management * Instrumentation
Mechanical Characteristics:
* * * * * *
MARKING DIAGRAM
Case: Epoxy, Molded Epoxy Meets UL 94 V-0 @ 0.125 in Weight: 1.9 Grams (Approximately) Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds ESD Rating: Human Body Model = 3B Machine Model = C
TO-220AB CASE 221A PLASTIC 1 2
AYWW B60H100G AKA
3 A Y WW B60H100 G AKA = Assembly Location = Year = Work Week = Device Code = Pb-Free Package = Polarity Designator
MAXIMUM RATINGS
Please See the Table on the Following Page
ORDERING INFORMATION
Device MBR60H100CT MBR60H100CTG Package TO-220 TO-220 (Pb-Free) Shipping 50 Units/Rail 50 Units/Rail
(c) Semiconductor Components Industries, LLC, 2006
1
July, 2006 - Rev. 1
Publication Order Number: MBR60H100CT/D
MBR60H100CT
MAXIMUM RATINGS (Per Diode Leg)
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (TC = 155C) Per Diode Per Device Peak Repetitive Forward Current (Square Wave, 20 kHz, TC = 151C) Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature (Note 1) Storage Temperature Voltage Rate of Change (Rated VR) Controlled Avalanche Energy (see test conditions in Figures 9 and 10) ESD Ratings: Machine Model = C Human Body Model = 3B Symbol VRRM VRWM VR IF(AV) 30 60 IFRM IFSM TJ Tstg dv/dt WAVAL 60 350 +175 *65 to +175 10,000 400 > 400 > 8000 A A C C V/ms mJ V Value 100 Unit V
A
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic Maximum Thermal Resistance - Junction-to-Case (Min. Pad) - Junction-to-Ambient (Min. Pad) Symbol RqJC RqJA Value 1.0 70 Unit C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic Maximum Instantaneous Forward Voltage (Note 2) (iF = 30 A, TJ = 25C) (iF = 30 A, TJ = 125C) (iF = 60 A, TJ = 25C) (iF = 60 A, TJ = 125C) Maximum Instantaneous Reverse Current (Note 2) (Rated DC Voltage, TJ = 125C) (Rated DC Voltage, TJ = 25C) 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. Symbol vF - - - - iR - - 2.0 0.0013 10 0.01 0.80 0.68 0.93 0.81 0.84 0.72 0.98 0.84 mA Min Typ Max Unit V
http://onsemi.com
2
MBR60H100CT
i , INSTANTANEOUS FORWARD CURRENT (AMPS F 100 i , INSTANTANEOUS FORWARD CURRENT (AMPS F 100
175C 10
175C 10
TJ = 150C 1.0 25C
125C
TJ = 150C 1.0 25C 0.1 0.0 0.1
125C
0.1 0.0 0.1
0.2 0.3
0.4 0.5
0.6 0.7
0.8
0.9
1.0 1.1
1.2
0.2 0.3
0.4 0.5
0.6 0.7
0.8
0.9
1.0 1.1
1.2
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
1E-01 IR, REVERSE CURRENT (AMPS) 1E-02 1E-03 TJ = 125C 1E-04 1E-05 1E-06 1E-07 1E-08 0 TJ = 25C TJ = 150C
IR, MAXIMUM REVERSE CURRENT (AMPS)
1E-01 1E-02 1E-03 1E-04 1E-05 1E-06 1E-07 1E-08 0
TJ = 150C
TJ = 125C
TJ = 25C
20
40
60
80
100
20
40
60
80
100
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
, AVERAGE FORWARD CURRENT (AMPS)
44 40 36 32 28 24 20 16 12 8.0 4.0 0 130
dc SQUARE WAVE
, AVERAGE FORWARD CURRENT (AMPS)
48
135
140
145
150
155
160
165
170
175
180
26 24 22 20 18 16 14 12 10 8.0 6.0 4.0 2.0 0
RATED VOLTAGE APPLIED RqJA = 16 C/W RqJA = 70 C/W (NO HEATSINK) dc
SQUARE WAVE dc
F (AV)
I
F (AV)
I
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 5. Current Derating, Case Per Leg
Figure 6. Current Derating, Ambient Per Leg
http://onsemi.com
3
MBR60H100CT
P , AVERAGE FORWARD POWER DISSIPATION (WATTS F (AV) 60 56 52 48 44 40 36 32 28 24 20 16 12 8 4 0 10000 TJ = 175C TJ = 25C SQUARE WAVE C, CAPACITANCE (pF) 1000
dc
100
10 0 4 8 12 16 20 24 28 32 36 40 44 48 52 56 60 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 0 20 40 60 80 100 VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Forward Power Dissipation
Figure 8. Capacitance
http://onsemi.com
4
MBR60H100CT
+VDD IL 10 mH COIL VD MERCURY SWITCH ID ID VDD t0 t1 t2 t BVDUT
DUT S1
IL
Figure 9. Test Circuit
Figure 10. Current-Voltage Waveforms
The unclamped inductive switching circuit shown in Figure 9 was used to demonstrate the controlled avalanche capability of this device. A mercury switch was used instead of an electronic switch to simulate a noisy environment when the switch was being opened. When S1 is closed at t0 the current in the inductor IL ramps up linearly; and energy is stored in the coil. At t1 the switch is opened and the voltage across the diode under test begins to rise rapidly, due to di/dt effects, when this induced voltage reaches the breakdown voltage of the diode, it is clamped at BVDUT and the diode begins to conduct the full load current which now starts to decay linearly through the diode, and goes to zero at t2. By solving the loop equation at the point in time when S1 is opened; and calculating the energy that is transferred to the diode it can be shown that the total energy transferred is equal to the energy stored in the inductor plus a finite amount of energy from the VDD power supply while the diode is in breakdown (from t1 to t2) minus any losses due to finite component resistances. Assuming the component resistive
elements are small Equation (1) approximates the total energy transferred to the diode. It can be seen from this equation that if the VDD voltage is low compared to the breakdown voltage of the device, the amount of energy contributed by the supply during breakdown is small and the total energy can be assumed to be nearly equal to the energy stored in the coil during the time when S1 was closed, Equation (2).
EQUATION (1): BV 2 DUT W [ 1 LI LPK AVAL 2 BV -V DUT DD
EQUATION (2): 2 W [ 1 LI LPK AVAL 2
http://onsemi.com
5
MBR60H100CT
PACKAGE DIMENSIONS
TO-220 CASE 221A-09 ISSUE AD
SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 ANODE CATHODE ANODE CATHODE MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
-T- B
4
F T S
C
Q
123
A U K
H Z L V G D N R J
STYLE 6: PIN 1. 2. 3. 4.
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
MBR60H100CT/D


▲Up To Search▲   

 
Price & Availability of MBR60H100CT06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X